PART |
Description |
Maker |
AM79C961A AM79C961AKC AM79C961AKCW |
PCnet -ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
AM79C978A |
Am79C978A PCnet- Home Single-Chip 1/10 Mbps PCI Home Networking Controller
|
Advanced Micro Devices
|
AM79C970A AM79C970AKC AM79C970AKCW AM79C970AVCW |
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
|
AMD[Advanced Micro Devices]
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
PCNET-FASTPLUS-KT |
PCnet-FASTPLUS-KT - Am79C972-Based Evaluation Kit for PCI Systems PRELIMINARY PCnet - FASTPLUS - KT公司- Am79C972 -基于PCI系统的初步评估套
|
Advanced Micro Devices DOMINANT Opto Technologies Sdn. Bhd.
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
RTL8201CP RTL8201CP-VD RTL8201CP-VD-LF RTL8201CP-L |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
|
REALTEK ETC
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
RTL8139D RTL8139DL |
Single Chip Fast Ethernet Controller
|
Realtek Microelectronics
|